PART |
Description |
Maker |
5017-009 |
Closeout sale in progress
|
List of Unclassifed Man...
|
EVAL-RX95HF |
Evaluation board for RX95HF , NOT FOR SALE
|
ST Microelectronics
|
5962-01A1701Q9A 5962-01A1701QXC 5962-01A1701V9A 59 |
Tripple Point to Point IEEE1355 High Speed Controller. From old datasheet system Tripple Point to Point IEEE 1355 High Speed Controller
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
ANT7-M24LR16E |
15 mm x 15 mm double layer antenna reference board for the M24LR16E-R Dual Interface EEPROM, NOT FOR SALE
|
ST Microelectronics STMicroelectronics
|
AT7912F-14 |
Derived from the T7906 Single Point to Point IEEE 1355 High Speed Controller
|
ATMEL Corporation
|
PULSEW7001 |
NFC Flex Stamp Antenna
|
Pulse A Technitrol Company
|
SPL-35-03-EBX-IDFM |
Up to 20km point-point transmission on SMF
|
Source Photonics, Inc.
|
MC-4R64CPE6C-845 MC-4R64CPE6C MC-4R64CPE6C-653 MC- |
DRAGONBALL MXL DIE SALE Direct Rambus DRAM RIMM Module 64M-BYTE 32M-WORD x 16-BIT 直接Rambus的内存RIMM400模块技2M的字x 16
|
http:// NEC[NEC] NEC Corp. NEC, Corp.
|
HFBR-1312T HFBR-2316T HFBR-0310 |
HFBR-0310 · Evaluation Kit for Proprietary Point-to-Point and Distance Extension for Applications up to 155 MBd 1300 nm Fiber Optic Transmitter and Receiver
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
NT2H0301F0DTL NT2H0301F0DTP |
NFC Forum Type 2 Tag compliant IC with 144 bytes user memory and field detection, HXSON4 package NFC Forum Type 2 Tag compliant IC with 144 bytes user memory and field detection, HWSON8 package
|
NXP Semiconductors
|